PART |
Description |
Maker |
RSSD |
Adjustable Wirewound Vitreous Resistors, Low Ohmic Value
|
Vishay
|
RW13X70A802JB23 RW16X94B4R7JB19 RW20117A683JB00 |
RW - Fixed Wirewound HighPower Vitreous Resistors with Terminal Collars or Bands
|
Vishay Sfernice
|
CS5204-1GDP3 CS5204-1GDPR3 CS5204-3GDP3 CS5204-3GD |
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators 4.0可调,和3.3 V5.0 V固定线性稳压器 4A Adjustable, and 3.3V and 5V Fixed Linear Regulators
|
ONSEMI[ON Semiconductor]
|
MAX6329YLUTT MAX6329ZLUTT MAX6349YHUTT MAX6329SPUT |
FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 SOT-23, 6 PIN 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
CS5206-5GT3 CS5206-1 CS5206-1GDP3 CS5206-1GDPR3 CS |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 6.0A Adjustable Output 6.0A, 5V Output 6.0A, 3.3V Output
|
DB Lectro, Inc. ONSEMI[ON Semiconductor]
|
LP2950CZ-3.3RA LP2951CD-3.3R2 LP2951ACDM-3.3R2 LP2 |
VOLT REGULATOR|FIXED| 3.3V|BIPOLAR|SIP|3PIN|PLASTIC VOLT REGULATOR|FIXED/ADJUSTABLE| 3.3/ 1.24 TO 29V|BIPOLAR|SOP|8PIN|PLASTIC VOLT REGULATOR|FIXED/ADJUSTABLE| 3.3/ 1.24 TO 29V|BIPOLAR|TSSOP|8PIN|PLASTIC VOLT REGULATOR|FIXED/ADJUSTABLE| 1.24 TO 29V|BIPOLAR|SOP|8PIN|PLASTIC VOLT REGULATOR|FIXED/ADJUSTABLE| 1.24 TO 29V|BIPOLAR|TSSOP|8PIN|PLASTIC VOLT REGULATOR|FIXED/ADJUSTABLE| 5V/ 1.24 TO 29V|BIPOLAR|SOP|8PIN|PLASTIC 电压调节器|固定/可调| 5V 1.24 29V |双极|专科| 8引脚|塑料
|
Anpec Electronics, Corp.
|
RC1117DX RC1117X33 |
1A Adjustable/Fixed Low Dropout Linear Regulator VOLT REGULATOR|ADJUSTABLE| 1.25 TO 6.3V|BIPOLAR|SIP|3PIN|PLASTIC
|
Fairchild Semiconductor
|
LX8385-00CP LX8385-00IP LX8385-00CDD LX8385-00IDD |
1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.5; 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.3; 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Positive Adjustable Voltage Regulator Analog IC THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp.
|
APE1085S15 APE1085S18 APE1085P15 APE1085P18 APE108 |
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator A低压差正可调或固定模式稳压器 3A Low Dropout Positive Adjustable or Fixed-Mode Regulator ADJUSTABLE POSITIVE LDO REGULATOR, PSSO3
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
LT1173 LT1173-12 LT1173-5 LT1173CN8 LT1173CN8-12 L |
Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
LT1110 LT1110-12 LT1110-5 LT1110CN8 LT1110CN8-12 L |
Micropower DC-DC Converter Adjustable and Fixed 5V/ 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|